PART |
Description |
Maker |
2SC4227 2SC4227NE68130 2SC4227-T1 |
Silicon transistor HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 离散
|
NEC[NEC]
|
2SC4957 2SC4957-T1 2SC4957-T2 2SC4957NE68539E 2SC4 |
Microwave low-noise amplification silicon transistor HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 高频低噪声放大器NPN硅外延晶体管4个引脚微型模 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
NEC, Corp. NEC Corp.
|
B5819WS |
1 Amp Schottky Barrier Rectifier 20 - 40 Volts For Use in Low Voltage, High Frequency Inverters High Surge Current Capability Halogen free available upon request by adding suffix
|
Micro Commercial Components List of Unclassifed Manufac...
|
HIP2100EIB HIP2100EIBZ HIP2100IBZ HIP2100IR HIP210 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 12-DFN T&R 2 A HALF BRDG BASED MOSFET DRIVER, DSO12 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
FC157 |
High-Frequency Low-Noise Amp, Differential Amp Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
2SC4092 2SC4092R4 2SC4092RD 2SC4092R5 2SC4092-T1 2 |
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits BJT For amplify high frequency and low noise.
|
NEC Corp. NEC[NEC]
|
2SC4364 2SC4364-4 2SC4364-2 |
晶体管|晶体管|叩| 30mA的一c)|的SOT - 23VAR VHF. UHF/MIX. OSC. Low-Voltage High-Frequency Amp Applications
|
SANYO[Sanyo Semicon Device]
|
TC7660H TC7660HCOA TC7660HEPA TCA7660 TC7660HCPA T |
HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER The TC7660H is a pin-compatible,high frequency up-grade to the Industry standard TC7660 charge pump voltage converter.It converts a 1.5V to 10V input to a corresponding – 1.5V to – 10V output using only two low--cost capacito IC-CMOS- BINARY COUNTER 高频7660型DC - DC电压转换 HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER 高频7660型DC - DC电压转换
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc. Microchip Technology Inc.
|
2SC1623 2SC1623L5 2SC1623L6 |
FILTER PLATE 音频通用放大器NPN硅外延晶体管微型模具 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体 BJT AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
|
NEC, Corp. NEC Corp. NEC[NEC]
|
2SC3650 |
High-hFE/ Low-Frequency General-Purpose Amp Applications High-hFE, Low-Frequency General-Purpose Amp Applications
|
Sanyo Semicon Device
|
2SC3807 |
High-hFE/ Low-Frequency General-Purpose Amp Applications
|
Sanyo Semicon Device
|
2SC3068 |
High-hFE, Low-Frequency General-Purpose Amp Applications
|
SANYO[Sanyo Semicon Device]
|